Part Number Hot Search : 
2SD10 27C25 2SD10 34063 20607 AD7528LN MB18101Z KM3701
Product Description
Full Text Search
 

To Download LN4SB60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHINDENGEN
General Purpose Rectifiers
iLow Noise Bridges
LN4SB60
600V 4A
FEATURES *oe noise Low *oe Package SIL *oe High IFSM APPLICATION
OUTLINE DIMENSIONS
Case : 3S (Unit : mm)
*oe power supply Switching
*oe Home (Electrical) Appliances *oe Office Equipment, Telecommunication, Factory Automation
RATINGS
*oeAbsolute Maximum Ratings (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Storage Temperature Tstg -40*150 *Z Operating Junction Temperature Tj 150 *Z Maximum Reverse Voltage VRM 600 V IO Average Rectified Forward Current 50Hz sine wave, R-load With heatsink*@ Tc=111*Z 4.0 A 50Hz sine wave, R-load Without heatsink Ta=25*Z 2.5 Peak Surge Forward Current IFSM 50Hz sine wave, Non-repetitive 1cycle peak value, Tj=25*Z A 150 Repetitive Peak Surge Reverse Power PRRSM Pulse width 10Es, Rating of per diode, Tj=25*Z 2 kW I2t 1ms*...t*10ms Tj=25*Z A2 s Current Squared Time 50 Dielectric Strength Vdis Terminals to case, AC 1 minute 2 kV Mounting Torque TOR (Recommended torque*0.5Nm) F 0.8 Nm *oeElectrical Characteristics (If not specified Tc=25*Z) Item Symbol Conditions Ratings Unit Forward Voltage VF I =2A, Pulse measurement, Rating of per diode Max. 0.95 V F Reverse Current IR V=V Pulse measurement, Rating of per diode Max. 10 EA R RM, Reverse Recovery Time =0.1A, Rating of per diode trr I =0.1A, RI F Max.* 5 Es @ AEjc junction to case With heatsink Max. 5.5 Thermal Resistance Without heatsink AEjl junction to lead Max. 6 *Z/W AEja junction to ambient Without heatsink Max. 30
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
LN4SB60
Forward Voltage
10
Forward Current IF [A]
Tc=150C [TYP]
Tc=25C [TYP] 1
Pulse measurement per diode
0.1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
Forward Voltage VF [V]
LN4SB60
10
Forward Power Dissipation
Forward Power Dissipation PF [W]
8 SIN
6
4
2
0
0
1
2
3
4
5
6
Average Rectified Forward Current IO [A]
Tj = 150C Sine wave
LN4SB60
6
Derating Curve
Average Rectified Forward Current IO [A]
5 SIN 4
3
2
Heatsink
Tc
Tc
1
0
0
20
40
60
80
100
120
140
160
Case Temperature Tc [C]
Sine wave R-load with heatsink
LN4SB60
4
Derating Curve
Average Rectified Forward Current IO [A]
3.5 PCB 3 SIN 2.5 2 1.5 1 0.5 0 Soldering land 5mm
0
20
40
60
80
100
120
140
160
Ambient Temperature Ta [C]
VR = 600V Sine wave R-load Free in air
IO 0 0 VR tp D=tp /T T
LN4SB60
200
Peak Surge Forward Capability
IFSM
10ms 10ms
1 cycle
Peak Surge Forward Current IFSM [A]
150
non-repetitive, sine wave, Tj=25C before surge current is applied
100
50
0
1
2
5
10
20
50
100
Number of Cycles [cycles]


▲Up To Search▲   

 
Price & Availability of LN4SB60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X